PART |
Description |
Maker |
HFA1155_04 HFA1155 HFA1155IH96 |
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
M57729SL 57729SL |
From old datasheet system 360-380MHz 12.5V,30W,FM MOBILE RADIO 360-380MHz 12.5V /30W /FM MOBILE RADIO
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
M57714SL |
360-380MHz, 12.5V, 7W, DIGITAL MOBILE RADIO
|
Mitsubishi Electric Corporation
|
UF8J |
SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
|
Yea Shin Technology Co., Ltd
|
M30240S7-XXXFP M30240M1 M30240MA M30240M3 M30240M2 |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor SSR H/S ZS CURR SENSE 4-32VDC 50A 600V OTP NPN NO CAP 3.9PF 50V .10 PF CER-U SMD-0402 TR-7 PLATED-NI/SN LOWESR FLEX CONNECTOR, 20 POSN., SMT, VERTICAL, ZIF, W/STANDARD SLIDER, T&R RoHS Compliant: Yes CAP 1800PF 50V 10% X7R SMD-0402 TR-7 PLATED-NI/SN CAP 820PF 50V 5% X7R SMD-0402 TR-7 PLATED-NI/SN SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 SSR H/S ZS CURR SENSE 4-32VDC 50A 600V OTP PNP NO 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
623-5D 623-5J 623-5W 623-50D 623-50J 623-50W 623-1 |
Resistor-Programmable SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches 5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference Logic IC 逻辑IC
|
Xicon Passive Components Glenair, Inc. Electronic Theatre Controls, Inc.
|
MIC919BM5 MIC919BC5 MIC919 |
27MHz Low-Power SOT-23-5/SC-70 Op Amp
|
Micrel Semiconductor
|
MIC910 MIC910BM5 |
135MHz Low-Power SOT-23-5 Op Amp
|
MICREL[Micrel Semiconductor]
|
STN7NF10 |
N-CHANNEL 100V - 0.055 OHM - 5A SOT-223 LOW GATE CHARGE STRIPFET POWERMOSFET N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET⑩ II POWER MOSFET N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET II POWER MOSFET N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET?/a> II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|